Part Number Hot Search : 
20215 HCT10 KDV214 RL204 P0720EC ZMM5260 T026MD 40N03
Product Description
Full Text Search
 

To Download 0243960000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | functional electronics | surge protection | instrumentation and control | 2-stage protection with screw connection - 1 - general ordering data order no. 0250560000 part designation egu3 eg3 24vac 50ma version surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 24 v dc ean 4008190050498 qty. 10 pc(s). clamped conductors flexible w. ferrule, min. (din 46228-1) 0.5 mm2 flexible, max. 2.5 mm2 flexible, min. 0.5 mm2 rated cross-section for solid/flexible with ferrule 4 mm2 rated cross-section, max. ferrules 2.5 mm2 solid, min. 0.5 mm2 tightening torque range 0.4...0.7 nm type of connection screw connection general data design component housing storage temperature -25 ... 85c ambient temperature (operational) -25 ... 60c insulation coordination acc. to en 50178 overvoltage category iii pollution severity 2 interference voltage protection level on output side sym., input 1 kv/ s, typ. 55 v protection level on output side sym., input 8/20 s, typ. 75 v protection level on output side unsym., input 1kv/ s, typ. 85 v
product catalogue | functional electronics | surge protection | instrumentation and control | 2-stage protection with screw connection - 2 - interference voltage protection level on output side unsym., input 8/20 s, typ. 105 v technical data limiting frequency (-3 db) at load resistance 10 khz rated voltage (ac/dc) 24 v rated voltage (ac) 24 v volume resistance 18 rated current 0.05 a rated voltage 24 v dc rated voltage (dc) 24 v max. continuous voltage, uc (ac) 30 v discharge current, max. (8/20 s) 6 ka sparkover time 25 ns fuse, max. 0.05 a dimensions clamping range, max. 4 mm2 clamping range, nom. 4 mm2 length 58 mm width 22.5 mm approvals approvals institutes classifications etim 2.0 ec000943 etim 3.0 ec000943 eclass 4.1 27-13-08-01 eclass 5.0 27-13-08-01 eclass 5.1 27-13-08-01 similar products order no. part designation version 0243960000 egu1 eg2 en 24vac 50ma surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 24 v dc 1187060000 egu3 eg3 230vac 1,5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 230 v 0250860000 egu3 eg3 230vac 50ma surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 230 v
product catalogue | functional electronics | surge protection | instrumentation and control | 2-stage protection with screw connection - 3 - 1186760000 egu3 eg3 24vac 1,5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 24 v dc 1186960000 egu3 eg3 48vac 1,5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 48 v 0250660000 egu3 eg3 48vac 50ma surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 48 v


▲Up To Search▲   

 
Price & Availability of 0243960000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X